PART |
Description |
Maker |
VI-413 |
REMARKS: NC =NO CONNECTION
|
Varitronix international limited
|
VI-401 |
REMARKS : SAME COMMON SHOULD BE CONNECTED TOGHTHER ON P,C,B.N.C =NO CONNECTION
|
Varitronix international limited
|
0611017 |
Connection honeycomb, Connection type: Screw mounting, Number of positions
|
PHOENIX CONTACT
|
0449014 |
Ground modular terminal block, Connection method: Screw connection, Load current
|
PHOENIX CONTACT
|
0441119 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0444048 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0441517 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0393560000 |
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm2, Pitch: 7.62 mm, No. of poles: 4, 90°, Box
|
Weidmuller
|
0708797 |
Molded feed-through terminal block, with internal and external screw connection, vertical conductor connection, for 2.5 - 6 mm thick housing panels - HDFKV 50-VP GNYE
|
Phoenix Contact
|
VI-201 |
REMARKS: PCB LINKAGE : PIN1 & PIN18
|
Varitronix international limited
|